Part Number Hot Search : 
A5800189 D110278 F6049K C2858H SR5904 A1000 KMB210F 15KE11
Product Description
Full Text Search
 

To Download SY10100EL07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description  260ps propagation delay  high bandwidth output transitions  internal 75k ? input pull-down resistors  available in 8-pin soic package the sy10/100el07 are 2-input xor/xnor gates. these devices are functionally equivalent to the e107 devices, with higher performance capabilities. with propagation delays and output transition times significantly faster than the e107, the el07 is ideally suited for those applications which require the ultimate in ac performance. features 2-input xor/xnor pin configuration/block diagram pin function d 0 , d 1 data inputs q data outputs 1 2 3 4 5 6 7 8 nc d 1 v cc q v ee q d 0 nc sy10el07 sy100el07 final pin names 1 soic top view rev.: f amendment: /0 issue date: february 2003
2 sy10el07 sy100el07 micrel t a = ?0 ct a = 0 ct a = +25 ct a = +85 c symbol parameter min. typ. max. min. typ. max. min. typ. max. min. typ. max. unit t plh propagation delay to 90 250 435 140 250 385 150 260 395 170 280 415 ps t phl output d tr output rise/fall times q 100 225 350 100 225 350 100 225 350 100 225 350 ps tf (20% to 80%) dc electrical characteristics t a = ?0 ct a = 0 ct a = +25 ct a = +85 c symbol parameter min. typ. max. min. typ. max. min. typ. max. min. typ. max. unit i ee power supply current ma 10el 14 17 11 14 17 11 14 17 11 14 17 100el 14 17 11 14 17 11 14 17 13 16 20 v ee power supply voltage v 10el ?.75 ?.2 ?.5 ?.75 ?.2 ?.5 ?.75 ?.2 ?.5 ?.75 ?.2 ?.5 100el ?.20 ?.5 ?.5 ?.20 ?.5 ?.5 ?.20 ?.5 ?.5 ?.20 ?.5 ?.5 i ih input high current a d 0 250 250 250 250 d 1 150 150 150 150 v ee = v ee (min.) to v ee (max.); v cc = gnd ac electrical characteristics v ee = v ee (min.) to v ee (max.); v cc = gnd product ordering code ordering package operating marking code type range code sy10el07zc z8-1 commercial hel07 sy10el07zctr* z8-1 commercial hel07 sy100el07zc z8-1 commercial xel07 sy100el07zctr* z8-1 commercial xel07 *tape and reel note 1. recommended for new designs. ordering package operating marking code type range code sy10el07zi (1) z8-1 industrial hel07 sy10el07zitr* (1) z8-1 industrial hel07 sy100el07zi (1) z8-1 industrial xel07 sy100el07zitr* (1) z8-1 industrial xel07 *tape and reel
3 sy10el07 sy100el07 micrel 8 lead soic .150" wide (z8-1) rev. 03
4 sy10el07 sy100el07 micrel micrel, inc. 1849 fortune drive san jose, ca 95131 usa tel + 1 (408) 944-0800 fax + 1 (408) 944-0970 web http://www.micrel.com the information furnished by micrel in this datasheet is believed to be accurate and reliable. however, no responsibility is as sumed by micrel for its use. micrel reserves the right to change circuitry and specifications at any time without notification to the customer. micrel products are not designed or authorized for use as components in life support appliances, devices or systems where malfu nction of a product can reasonably be expected to result in personal injury. life support devices or systems are devices or systems that (a) are intend ed for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant inj ury to the user. a purchaser s use or sale of micrel products for use in life support appliances, devices or systems is at purchaser s own risk and purchaser agrees to fully indemnify micrel for any damages resulting from such use or sale. ? 2003 micrel, incorporated.


▲Up To Search▲   

 
Price & Availability of SY10100EL07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X